Part Number Hot Search : 
EE08523 TP8472BP MAC97A 74ACT521 JPM160 GRM21B MC675 JPM160
Product Description
Full Text Search
 

To Download NTE15031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE15031 Integrated Circuit Module, Hybrid, Dual Audio Power Amp, 18W/Ch, Dual Power Supplies
Applications: D Video Projectors Absoulte Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V Operating Case Temperature, TC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +105C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -30 to +105C Total Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0C/W Available Time for Load Shorted (VCC = 20.5V, RL = 8, PO = 18W, f = 50Hz), tS . . . . . . . . . 2sec Recommended Operating Conditions: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24V Electrical Characteristics: (TA = +25C, VCC = 24V, Rg = 50, unless otherwise specified)
Parameter Quiescent Current Noise Voltage Midpoint Voltage Output Delay Time Symbol ICCO VNO VN tD Test Conditions Min - - -50 Typ 15 - 0 - Max 25 0.2 +50 1 Unit mA mVrms mV s
VCC = 20.5V, f = 15.75kHz, Triangular Wave Input VP-P = 1.5V
-
Note 1. For power supply at the time of test, use a constant-voltage power supply unless otherwise specified. Note 2. The output noise voltage is represented by the peak value on an RMS scale (VTVM) of the average value indicated.
Pin Connection Diagram (Front View) 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 Rt Ch Input (+) Rt Ch Input (-) Bypass Feedback Rt Ch Output Rt Ch (-) VCC (+) VCC (+) VCC Lt Ch (-) VCC Lt Ch Output Feedback Bypass GND Lt Ch Input (-) Lt Ch Input (+)
2.335 (59.3) 2.050 (52.0) .276 (7.0)
1.260 (32.0)
.807 (20.5) 1 15
.135 (3.45) Dia (2 Places) .100 (2.54) 1.400 (35.6)
.512 (13.0)


▲Up To Search▲   

 
Price & Availability of NTE15031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X